Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1270 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1270 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1266Page - Renesas Technology Corp SH7721 Datasheet HTML 1267Page - Renesas Technology Corp SH7721 Datasheet HTML 1268Page - Renesas Technology Corp SH7721 Datasheet HTML 1269Page - Renesas Technology Corp SH7721 Datasheet HTML 1270Page - Renesas Technology Corp SH7721 Datasheet HTML 1271Page - Renesas Technology Corp SH7721 Datasheet HTML 1272Page - Renesas Technology Corp SH7721 Datasheet HTML 1273Page - Renesas Technology Corp SH7721 Datasheet HTML 1274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1270 / 1524 page
background image
Section 35
I/O Ports
Rev. 3.00 Jan. 18, 2008 Page 1208 of 1458
REJ09B0033-0300
35.14.2
Port R Data Register (PRDR)
PRDR is a register that stores data for pins PTR7 to PTR0. Bits PR7DT to PR0DT correspond to
pins PTR7 to PTR0. When the pin function is general output port, if the port is read, the value of
the corresponding PRDR bit is returned directly. When the function is general input port, if the
port is read, the corresponding pin level is read.
Bit
Bit Name
Initial
Value
R/W
Description
7
PR7DT
0
R/W
6
PR6DT
0
R/W
5
PR5DT
0
R/W
4
PR4DT
0
R/W
3
PR3DT
0
R/W
2
PR2DT
0
R/W
1
PR1DT
0
R/W
0
PR0DT
0
R/W
Table 35.14 shows the function of PRDR.
Table 35.14 Port R Data Register (PRDR) Read/Write Operations
PRCR State
PRnMD1 PRnMD0 Pin State
Read
Write
0
Other function
PRDR value
Value is written to PRDR, but does not affect
pin state.
0
1
Output
PRDR value
Write value is output from pin.
0
Input (Pull-up
MOS on)
Pin state
Value is written to PRDR, but does not affect
pin state.
1
1
Input (Pull-up
MOS off)
Pin state
Value is written to PRDR, but does not affect
pin state.
Note:
n = 0 to 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com