Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1276 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1276 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1272Page - Renesas Technology Corp SH7721 Datasheet HTML 1273Page - Renesas Technology Corp SH7721 Datasheet HTML 1274Page - Renesas Technology Corp SH7721 Datasheet HTML 1275Page - Renesas Technology Corp SH7721 Datasheet HTML 1276Page - Renesas Technology Corp SH7721 Datasheet HTML 1277Page - Renesas Technology Corp SH7721 Datasheet HTML 1278Page - Renesas Technology Corp SH7721 Datasheet HTML 1279Page - Renesas Technology Corp SH7721 Datasheet HTML 1280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1276 / 1524 page
background image
Section 35
I/O Ports
Rev. 3.00 Jan. 18, 2008 Page 1214 of 1458
REJ09B0033-0300
35.17.2
Port U Data Register (PUDR)
PUDR is a register that stores data for pins PTU4 to PTU0. Bits PU4DT to PU0DT correspond to
pins PTU4 to PTU0. When the pin function is general output port, if the port is read, the value of
the corresponding PUDR bit is returned directly. When the function is general input port, if the
port is read, the corresponding pin level is read.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
4
PU4DT
0
R/W
3
PU3DT
0
R/W
2
PU2DT
0
R/W
1
PU1DT
0
R/W
0
PU0DT
0
R/W
Table 35.17 shows the function of PUDR.
Table 35.17 Port U Data Register (PUDR) Read/Write Operations
PUCR State
PUnMD1 PUnMD0 Pin State
Read
Write
0
Other function
PUDR value
Value is written to PUDR, but does not affect
pin state.
0
1
Output
PUDR value
Write value is output from pin.
0
Input (Pull-up
MOS on)
Pin state
Value is written to PUDR, but does not affect
pin state.
1
1
Input (Pull-up
MOS off)
Pin state
Value is written to PUDR, but does not affect
pin state.
Note:
n = 0 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com