Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1279 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1279 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1275Page - Renesas Technology Corp SH7721 Datasheet HTML 1276Page - Renesas Technology Corp SH7721 Datasheet HTML 1277Page - Renesas Technology Corp SH7721 Datasheet HTML 1278Page - Renesas Technology Corp SH7721 Datasheet HTML 1279Page - Renesas Technology Corp SH7721 Datasheet HTML 1280Page - Renesas Technology Corp SH7721 Datasheet HTML 1281Page - Renesas Technology Corp SH7721 Datasheet HTML 1282Page - Renesas Technology Corp SH7721 Datasheet HTML 1283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1279 / 1524 page
background image
Section 36
User Debugging Interface (H-UDI)
Rev. 3.00
Jan. 18, 2008
Page 1217 of 1458
REJ09B0033-0300
Section 36
User Debugging Interface (H-UDI)
This LSI incorporates a user debugging interface (H-UDI) and advanced user debugger (AUD) for
a boundary scan function and emulator support.
This section describes the H-UDI. The AUD is a function exclusively for use by an emulator.
Refer to the User's Manual for the relevant emulator for details of the AUD.
36.1
Features
The H-UDI is a serial I/O interface which supports JTAG (Joint Test Action Group, IEEE
Standard 1149.1 and IEEE Standard Test Access Port and Boundary-Scan Architecture)
specifications.
The H-UDI in this LSI supports a boundary scan mode, and is also used for emulator connection.
When using an emulator, H-UDI functions should not be used. Refer to the emulator manual for
the method of connecting the emulator.
Figure 36.1 shows a block diagram of the H-UDI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com