| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 1281 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 1281 Page - Renesas Technology Corp |
|
1281 / 1524 page ![]() Section 36 User Debugging Interface (H-UDI) Rev. 3.00 Jan. 18, 2008 Page 1219 of 1458 REJ09B0033-0300 Table 36.1 Pin Configuration Pin Name I/O Description TCK Input Serial Data Input/Output Clock Pin Data is serially supplied to the H-UDI from the data input pin (TDI), and output from the data output pin (TDO), in synchronization with this clock. TMS Input Mode Select Input Pin The state of the TAP control circuit is determined by changing this signal in synchronization with TCK. The protocol supports the JTAG standard (IEEE Std.1149.1). TRST Input Reset Input Pin Input is accepted asynchronously with respect to TCK, and when low, the H-UDI is reset. TRST must be low for a constant period when power is turned on regardless of using the H-UDI function. This is different from the JTAG standard. See section 36.4.2, Reset Configuration, for more information. TDI Input Serial Data Input Pin Data transfer to the H-UDI is executed by changing this signal in synchronization with TCK. TDO Output Serial Data Output Pin Data read from the H-UDI is executed by reading this pin in synchronization with TCK. The data output timing depends on the command type set in the SDIR. See section 36.4.3, TDO Output Timing, for more information. ASEMD0 Input ASE Mode Select Pin If a low level is input at the ASEMD0 pin while the RESETP pin is asserted, ASE mode is entered; if a high level is input, normal mode is entered. When the ASEMD0 pin is used by the user system alone without using the emulator and H-UDI, fix the ASEMD0 pin high. In ASE mode, dedicated emulator function can be used. The input level at the ASEMD0 pin should be held for at least one cycle after RESETP negation. ASEBRKAK AUDSYNC AUDATA3 to AUDATA0 AUDCK Output Dedicated Emulator Pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |