Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1381 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1381 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1377Page - Renesas Technology Corp SH7721 Datasheet HTML 1378Page - Renesas Technology Corp SH7721 Datasheet HTML 1379Page - Renesas Technology Corp SH7721 Datasheet HTML 1380Page - Renesas Technology Corp SH7721 Datasheet HTML 1381Page - Renesas Technology Corp SH7721 Datasheet HTML 1382Page - Renesas Technology Corp SH7721 Datasheet HTML 1383Page - Renesas Technology Corp SH7721 Datasheet HTML 1384Page - Renesas Technology Corp SH7721 Datasheet HTML 1385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1381 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1319 of 1458
REJ09B0033-0300
38.4.2
Control Signal Timing
Table 38.8
Control Signal Timing
Conditions: V
CCQ = 2.7 to 3.6 V, VCCQ1 = 2.7 to 3.6 V or 1.65 to 1.95 V,
V
CC = 1.4 to 1.6 V, Ta = –20 to 75°C
Item
Symbol
Min.
Max.
Unit
Figure
RESETP pulse width
t
RESPW
20*
3
tcyc*
2*4
RESETP setup time*1
t
RESPS
23
ns
RESETP hold time
t
RESPH
2
ns
RESETM pulse width
t
RESPW
20*
3
tcyc*
2*4
RESETM setup time*1
t
RESPS
23
ns
RESETM hold time
t
RESPH
2
ns
38.8, 38.9
BREQ setup time
t
BREQS
1/2t
cyc + 7
ns
BREQ hold time
t
BREQH
1/2t
cyc + 2
ns
38.10
NMI setup time*
1
t
NMIS
8
ns
NMI hold time
t
NMIH
3
ns
IRQ5 to IRQ0 setup time*
1
t
IRQS
8
ns
IRQ5 to IRQ0 hold time
t
IRQH
3
ns
38.9
BACK delay time
t
BACKD
1/2t
cyc
1/2t
cyc + 13
ns
STATUS0 delay time
t
STD
18
ns
Bus tri-state delay time 1
t
BOFF1
0
30
ns
Bus tri-state delay time 2
t
BOFF2
0
30
ns
38.10, 38.11
Bus buffer-on time 1
t
BON1
0
30
ns
Bus buffer-on time 2
t
BON2
0
30
ns
38.10, 38.11
Notes: 1.
RESETP, NMI, and IRQ5 to IRQ0 are asynchronous. Changes are detected at the
clock rise when the setup time shown is used. If the setup time cannot be used,
detection may be delayed until the next clock rises.
2. The upper limits of the external bus clock are 66.67 MHz (133 MHz version).
3. In standby mode, t
RESPW = tSOC2 (10 ms). When the clock multiplication ratio is changed,
t
RESPW = tPLL (100 µs).
4. t
cyc means the external bus clock cycle (B clock cycle).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com