Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1385 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1385 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1381Page - Renesas Technology Corp SH7721 Datasheet HTML 1382Page - Renesas Technology Corp SH7721 Datasheet HTML 1383Page - Renesas Technology Corp SH7721 Datasheet HTML 1384Page - Renesas Technology Corp SH7721 Datasheet HTML 1385Page - Renesas Technology Corp SH7721 Datasheet HTML 1386Page - Renesas Technology Corp SH7721 Datasheet HTML 1387Page - Renesas Technology Corp SH7721 Datasheet HTML 1388Page - Renesas Technology Corp SH7721 Datasheet HTML 1389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1385 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1323 of 1458
REJ09B0033-0300
66.67 MHz
Item
Symbol
Min.
Max.
Unit
Figure
Write data delay time 1
t
WDD1
13
ns
38.12 to 38.18,
38.39 to 38.42
Write data delay time 2
t
WDD2
13
ns
38.24 to 38.27, 38.31 to
38.33, 38.37, 38.38
Write data delay time 3
t
WDD3
1/2t
cyc + 13
ns
Write data hold time 1
t
WDH1
1
ns
38.12 to 38.18,
38.37 to 38.42
Write data hold time 2
t
WDH2
1
ns
38.24 to 38.27, 38.31 to
38.33, 38.37, 38.38
Write data hold time 3
t
WDH3
1/2t
cyc
ns
Write data hold time 4
t
WDH4
0
ns
38.12
Write data hold time 5
t
WDH5
1
ns
38.39 to 38.42
WAIT setup time 1
t
WTS1
1/2t
cyc + 7
ns
38.12 to 38.19, 38.40, 38.42
WAIT hold time 1
t
WTH1
1/2t
cyc + 2
ns
38.12 to 38.19, 38.40, 38.42
RAS delay time 1
t
RASD1
1
13
ns
38.20 to 38.36, 38.37, 38.38
RAS delay time 2
t
RASD2
1/2t
cyc
1/2t
cyc + 13
ns
CAS delay time 1
t
CASD1
1
13
ns
38.20 to 38.36, 38.37, 38.38
CAS delay time 2
t
CASD2
1/2t
cyc
1/2t
cyc + 13
ns
DQM delay time 1
t
DQMD1
1
13
ns
38.20 to 38.36, 38.37, 38.38
DQM delay time 2
t
DQMD2
1/2t
cyc
1/2t
cyc + 13
ns
CKE delay time 1
t
CKED1
1
13
ns
38.35, 38.36, 38.37, 38.38
CKE delay time 2
t
CKED2
1/2t
cyc
1/2t
cyc + 13
ns
DACK delay time
t
DACD
13
ns
38.12 to 38.36, 38.37
ICIORD delay time
t
ICRSD
1/2t
cyc + 13
ns
38.39, 38.40
ICIOWR delay time
t
ICWSD
1/2t
cyc + 13
ns
38.41, 38.42
IOIS16 setup time
t
IO16S
1/2t
cyc + 6
ns
38.42
IOIS16 hold time
t
IO16H
1/2t
cyc + 4
ns
38.42
REFOUT, IRQOUT
delay time
t
REFOD
1/2t
cyc + 13
ns
38.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com