Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1427 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1427 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1423Page - Renesas Technology Corp SH7721 Datasheet HTML 1424Page - Renesas Technology Corp SH7721 Datasheet HTML 1425Page - Renesas Technology Corp SH7721 Datasheet HTML 1426Page - Renesas Technology Corp SH7721 Datasheet HTML 1427Page - Renesas Technology Corp SH7721 Datasheet HTML 1428Page - Renesas Technology Corp SH7721 Datasheet HTML 1429Page - Renesas Technology Corp SH7721 Datasheet HTML 1430Page - Renesas Technology Corp SH7721 Datasheet HTML 1431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1427 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1365 of 1458
REJ09B0033-0300
t
SICYC
t
SWLI
t
SWHI
t
FSH
t
STDD
t
STDD
t
SRDS
t
SRDH
t
FSS
SIOFn_SCK (input)
SIOFn_SYNC (input)
SIOFn_TXD
SIOFn_RXD
Figure 38.58
SIOF Transmission/Reception Timing (Slave Mode 1, Slave Mode 2)
38.4.14
AFEIF Module Signal Timing
Table 38.16 AFEIF Module Signal Timing
Conditions: V
CCQ = 2.7 to 3.6 V, VCCQ1 = 2.7 to 3.6 V or 1.65 to 1.95 V,
V
CC = 1.4 to 1.6 V, AVCC = 3.0 to 3.6 V, Ta = −20 to 75°C
Item
Symbol
min
max
Unit
AFE_SCLK clock input cycle time t
ASCYC
8
× t
Pcyc
ns
AFE_SCLK input high level width t
ASWH
0.4
× t
ASCYC
ns
AFE_SCLK input low level width
t
ASWL
0.4
× t
ASCYC
ns
AFE_FS input time
t
AFSD
0
50
ns
AFE_TXOUT output delay time
t
ATDD
t
Pcyc + 20
ns
AFE_RXIN input setup time
t
ARDS
20
ns
AFE_RXIN input hold time
t
ARDH
2
× t
Pcyc + 20
ns
AFE_HC1 output delay time
t
AHCD
3
× t
Pcyc + 20
ns
AFE_RLYC output delay time
t
ARLYD
t
Pcyc + 20
ns
Note:
t
Pcyc is a cycle time (ns) of a peripheral clock (Pφ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com