Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1429 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1429 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1425Page - Renesas Technology Corp SH7721 Datasheet HTML 1426Page - Renesas Technology Corp SH7721 Datasheet HTML 1427Page - Renesas Technology Corp SH7721 Datasheet HTML 1428Page - Renesas Technology Corp SH7721 Datasheet HTML 1429Page - Renesas Technology Corp SH7721 Datasheet HTML 1430Page - Renesas Technology Corp SH7721 Datasheet HTML 1431Page - Renesas Technology Corp SH7721 Datasheet HTML 1432Page - Renesas Technology Corp SH7721 Datasheet HTML 1433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1429 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1367 of 1458
REJ09B0033-0300
tHIGH
tLOW
tFREQ
10%
EXTAL_USB (input)
tR48
tF48
90%
Figure 38.60
USB Clock Timing
Table 38.18 USB Electrical Characteristics (Full-Speed)
Item
Symbol
Min.
Max.
Unit
Figure
Transition time (rise)*
2
t
R
4
20
ns
CL = 50 pF
Transition time (fall)*
2
t
F
4
20
ns
CL = 50 pF
Rise/fall time matching
t
RFM
85
111
%
(TR/TF)
Output signal crossover power supply voltage V
CRS
1.3
2.0
V
Notes: Measured with edge control C
EDGE = 47 pF and connection of direct resister Rs = 27 Ω.
1. Value when CL = 50 pF unless specified.
2. Value within 10
% to 90% of the signal power supply voltage.
Table 38.19 USB Electrical Characteristics (Low-Speed)
Item
Symbol
Min.
Max.
Unit
Figure
75
ns
CL = 200 pF
Transition time (rise)*
t
R
300
ns
CL = 600 pF
75
ns
CL = 200 pF
Transition time (fall)*
t
F
300
ns
CL = 600 pF
Rise/fall time matching
t
RFM
80
125
%
(TR/TF)
Output signal crossover power supply voltage V
CRS
1.3
2.0
V
Notes: Measured with edge control C
EDGE = 47 pF and connection of direct resister Rs = 27 Ω.
*
Value within 10
% to 90% of the signal power supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com