Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1432 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1432 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1428Page - Renesas Technology Corp SH7721 Datasheet HTML 1429Page - Renesas Technology Corp SH7721 Datasheet HTML 1430Page - Renesas Technology Corp SH7721 Datasheet HTML 1431Page - Renesas Technology Corp SH7721 Datasheet HTML 1432Page - Renesas Technology Corp SH7721 Datasheet HTML 1433Page - Renesas Technology Corp SH7721 Datasheet HTML 1434Page - Renesas Technology Corp SH7721 Datasheet HTML 1435Page - Renesas Technology Corp SH7721 Datasheet HTML 1436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1432 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1370 of 1458
REJ09B0033-0300
t
SMCWH
t
SMCWL
t
SMRD
t
SMRD
t
SMCYC
SIM_CLK
SIM_RST
Figure 38.62
SIM Module Signal Timing
38.4.18
MMCIF Module Signal Timing
Table 38.22 MMCIF Module Signal Timing
Conditions: V
CCQ = 2.7 to 3.6 V, VCCQ1 = 2.7 to 3.6 V or 1.65 to 1.95 V,
V
CC = 1.4 to 1.6 V, AVCC = 3.0 to 3.6 V, Ta = −20 to 75°C
Item
Symbol
Min.
Max.
Unit
Figure
MMC_CLK clock cycle
t
MMCYC
60
ns
MMC_CLK clock high level width
t
MMWH
0.4
× t
MMCYC
ns
MMC_CLK clock low level width
t
MMWL
0.4
× t
MMCYC
ns
MMC_CMD output data delay
t
MMCD
10
ns
MMC_CMD input data hold
t
MMRCS
10
ns
MMC_CMD input data setup
t
MMRCH
10
ns
MMC_DAT output data delay
t
MMTDD
10
ns
MMC_DAT input data setup
t
MMRDS
10
ns
MMC_DAT input data hold
t
MMRDH
10
ns
38.63,
38.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com