Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1434 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1434 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1430Page - Renesas Technology Corp SH7721 Datasheet HTML 1431Page - Renesas Technology Corp SH7721 Datasheet HTML 1432Page - Renesas Technology Corp SH7721 Datasheet HTML 1433Page - Renesas Technology Corp SH7721 Datasheet HTML 1434Page - Renesas Technology Corp SH7721 Datasheet HTML 1435Page - Renesas Technology Corp SH7721 Datasheet HTML 1436Page - Renesas Technology Corp SH7721 Datasheet HTML 1437Page - Renesas Technology Corp SH7721 Datasheet HTML 1438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1434 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1372 of 1458
REJ09B0033-0300
38.4.19
H-UDI Related Pin Timing
Table 38.23 H-UDI Related Pin Timing
Conditions: V
CCQ = VccQ_RTC = 2.7 to 3.6 V, VccQ1 = 2.7 to 3.6 V or 1.65 to 1.95 V,
V
CC = VCC_PLL1 = VCC _PLL2 = Vcc_RTC = 1.4 to 1.6 V,
AVcc = AVcc_USB = 3.0 to 3.6 V, T
a = −20 to 75°C
Item
Symbol
Min.
Max.
Unit
Figure
TCK cycle time
t
TCKcyc
50
ns
TCK high level pulse width
t
TCKH
12
ns
TCK low level pulse width
t
TCKL
12
ns
TCK rise/fall time
t
TCKf
4
ns
38.65
TRST setup time
t
TRSTS
12
ns
TRST hold time
t
TRSTH
50
t
cyc
38.66
TDI setup time
t
TDIS
10
ns
TDI hold time
t
TDIH
10
ns
TMS setup time
t
TMSS
10
ns
TMS hold time
t
TMSH
10
ns
TDO delay time
t
TDOD
16
ns
38.67
ASEMD0 setup time
t
ASEMD0S
12
ns
ASEMD0 hold time
t
ASEMD0H
12
ns
38.68
tTCKH
tTCKf
tTCKf
tTCKL
tTCKcyc
VIH
VIH
VIH
1/2 VCCQ
1/2 VCCQ
VIL
VIL
Figure 38.65
TCK Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com