Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1437 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1437 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1433Page - Renesas Technology Corp SH7721 Datasheet HTML 1434Page - Renesas Technology Corp SH7721 Datasheet HTML 1435Page - Renesas Technology Corp SH7721 Datasheet HTML 1436Page - Renesas Technology Corp SH7721 Datasheet HTML 1437Page - Renesas Technology Corp SH7721 Datasheet HTML 1438Page - Renesas Technology Corp SH7721 Datasheet HTML 1439Page - Renesas Technology Corp SH7721 Datasheet HTML 1440Page - Renesas Technology Corp SH7721 Datasheet HTML 1441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1437 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1375 of 1458
REJ09B0033-0300
38.7
AC Characteristic Test Conditions
• I/O signal reference level:
V
CCQ
2
,
V
CCQ1
2
(V
CCQ = 2.7 to 3.6 V, VCCQ1 = 2.7 to 3.6 V or 1.65 to 1.95 V, VCC = 1.4 to 1.6 V)
• Input pulse level: VccQ to VssQ, VccQ1 to VssQ1
• Input rise and fall times: 1 ns
IOL
IOH
CL
VREF
This LSI output pin
Reference voltage of
output load switch
Notes: 1. CL is the total value that includes the capacitance of measurement instruments,
and is set as follows for each pin:
30 pF: CKIO,
CS0, CS2 to CS6B
50 pF: All other pins
2. IOL = 0.2 mA, IOH = -0.2 mA
Figure 38.69
Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com