Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1436 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1436 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1432Page - Renesas Technology Corp SH7721 Datasheet HTML 1433Page - Renesas Technology Corp SH7721 Datasheet HTML 1434Page - Renesas Technology Corp SH7721 Datasheet HTML 1435Page - Renesas Technology Corp SH7721 Datasheet HTML 1436Page - Renesas Technology Corp SH7721 Datasheet HTML 1437Page - Renesas Technology Corp SH7721 Datasheet HTML 1438Page - Renesas Technology Corp SH7721 Datasheet HTML 1439Page - Renesas Technology Corp SH7721 Datasheet HTML 1440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1436 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1374 of 1458
REJ09B0033-0300
38.5
A/D Converter Characteristics
Table 38.24 lists the A/D converter characteristics.
Table 38.24 A/D Converter Characteristics
Conditions: V
CCQ = 2.7 to 3.6 V, VCC = 1.4 to 1.6 V, AVCC = 3.0 to 3.6 V, Ta = −20 to 75°C
Item
Min.
Typ.
Max.
Unit
Resolution
10
10
10
bits
Conversion time
15
µs
Analog input capacitance
20
pF
Permissible signal source (single
source) impedance
5
k
Ω
Nonlinearity error
±3.0
LSB
Offset error
±2.0
LSB
Full scale error
±2.0
LSB
Quantization error
±0.5
LSB
Absolute accuracy
±4.0
LSB
38.6
D/A Converter Characteristics
Table 38.25 lists D/A converter characteristics.
Table 38.25 D/A Converter Characteristics
Conditions: V
CCQ = 2.7 to 3.6 V, VCC = 1.4 to 1.6 V, AVCC = 3.0 to 3.6 V, Ta = −20 to 75°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
8
8
8
bits
Conversion time
10.0
µs
20 pF capacitive
load
Absolute accuracy
±2.5
±4.0
LSB
2 M
Ω resistance
load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com