| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 1450 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 1450 Page - Renesas Technology Corp |
|
1450 / 1524 page ![]() Appendix Rev. 3.00 Jan. 18, 2008 Page 1388 of 1458 REJ09B0033-0300 Category PLBG 0256 GA-A PLBG 0256 KA-A Pin Name Power- On Reset Manual Reset Software Standby Hardware Standby Bus Release I/O Handling of Unused Pins Y11 U10 VccQ1 Y12 Y11 CS0 H H HZ Z Z O Open Y13 Y12 RD H H HZ Z Z O Open Y14 Y13 VssQ1 Y15 Y14 VccQ1 Y16 AA15 VssQ1 Y17 AA16 VccQ1 Y18 AA17 DACK1/PTM5 V O/P O/K Z/Z O/P O/IO Open Y19 Y17 CA I I I I I I Pull-up Y20 AA20 Vcc_RTC Notes: *1 The conditions for setting USB1_P and USB1_M to Z (open) are as follows: (1) Pull the USB1_ovr_current/USBF_VBUS pin down. (2) Clear the USB_TRANS bit in UTRCTR to 0 (initial value). Set the USB_SEL bit in UTRCTR to 1 (initial value). *2 After negation of RESETP, USB2_P and USB2_M go low after tens of EXTAL_USB clock cycles have been input. 1. Handlings of unused pins in this table are handling examples with the pin functions set to the initial values of the pin function controller (PFC) and cannot be guaranteed in some cases. 2. Controlled by software when an input buffer (PAD) is not enabled. 3. Normal input pin specification. 4. A schmitt characteristic is provided. 5. A board with which the emulator can be used must be designed according to the emulator specifications. [Legend] I: Input (input buffer on, output buffer off) i: Input (input buffer on, output buffer off, fixed input in internal logic) O: Output (input buffer off, output buffer on, unidentified level) L: Low output (input buffer off, output buffer on) H: High output (input buffer off, output buffer on) Z: High-impedance (input buffer off, output buffer off) V: Input buffer off, output buffer off, pull-up on M: Input buffer on, output buffer off, pull-up on |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |