Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1454 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1454 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1450Page - Renesas Technology Corp SH7721 Datasheet HTML 1451Page - Renesas Technology Corp SH7721 Datasheet HTML 1452Page - Renesas Technology Corp SH7721 Datasheet HTML 1453Page - Renesas Technology Corp SH7721 Datasheet HTML 1454Page - Renesas Technology Corp SH7721 Datasheet HTML 1455Page - Renesas Technology Corp SH7721 Datasheet HTML 1456Page - Renesas Technology Corp SH7721 Datasheet HTML 1457Page - Renesas Technology Corp SH7721 Datasheet HTML 1458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1454 / 1524 page
background image
Appendix
Rev. 3.00 Jan. 18, 2008 Page 1392 of 1458
REJ09B0033-0300
C.
Package Dimensions
e
A
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
A
b
x
y
1
17.0
0.10
0.80
0.45
0.50
0.55
0.35
0.40
0.45
1.40
17.0
0.08
v
w
0.9
0.9
y0.2
1
0.20
0.15
Previous Code
JEITA Package Code
RENESAS Code
BP-256H/BP-256HV
0.6g
MASS[Typ.]
E
D
Z
Z
D
Z
E
D
S
S
E
D
P-LFBGA256-17x17-0.80
PLBG0256GA-A
1
A
A
B
S
S
y
S
wA
S
wB
v
S
y
1
23456789 10 11 12 13 14 15 16 17 18 19 20
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
e
B
A
S
φ
×
b
φ
M
×4
D
Figure C.1
Package Dimensions (PLBG0256GA-A (BP-256H/HV))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com