Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1455 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1455 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1451Page - Renesas Technology Corp SH7721 Datasheet HTML 1452Page - Renesas Technology Corp SH7721 Datasheet HTML 1453Page - Renesas Technology Corp SH7721 Datasheet HTML 1454Page - Renesas Technology Corp SH7721 Datasheet HTML 1455Page - Renesas Technology Corp SH7721 Datasheet HTML 1456Page - Renesas Technology Corp SH7721 Datasheet HTML 1457Page - Renesas Technology Corp SH7721 Datasheet HTML 1458Page - Renesas Technology Corp SH7721 Datasheet HTML 1459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1455 / 1524 page
background image
Appendix
Rev. 3.00 Jan. 18, 2008 Page 1393 of 1458
REJ09B0033-0300
AA
Y
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
y
S
v
B
wS
A
wS
yS
S
B
A
A
1
MASS[Typ.]
0.3g
BP-256C/BP-256CV
RENESAS Code
JEITA Package Code
Previous Code
0.15
0.20
1
0.2
y
0.5
0.5
w
v
0.05
11.00
1.40
0.30
0.25
0.20
0.35
0.30
0.25
0.50
0.08
11.00
1
y
x
b
A
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
A
e
E
D
Z
Z
E
D
S
S
E
D
P-LFBGA256-11x11-0.50
PLBG0256KA-A
e
B
A
S
φ
×
b
φ
M
×4
D
Z
D
Figure C.2
Package Dimensions (PLBG0256KA-A (BP-256C/CV))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com