Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1457 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1457 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1453Page - Renesas Technology Corp SH7721 Datasheet HTML 1454Page - Renesas Technology Corp SH7721 Datasheet HTML 1455Page - Renesas Technology Corp SH7721 Datasheet HTML 1456Page - Renesas Technology Corp SH7721 Datasheet HTML 1457Page - Renesas Technology Corp SH7721 Datasheet HTML 1458Page - Renesas Technology Corp SH7721 Datasheet HTML 1459Page - Renesas Technology Corp SH7721 Datasheet HTML 1460Page - Renesas Technology Corp SH7721 Datasheet HTML 1461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1457 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1395 of 1458
REJ09B0033-0300
Main Revisions and Additions in this Edition
Item
Page Revision (See Manual for Details)
All
SH7720 and SH7320 Group Hardware Manuals are
merged into this manual, to which the SH7721 Group is
newly added.
All
The pins in the SD host interface (SDHI) are added.
Introduction
Abbreviations
viii
Added
DES
Data Encryption Standard
RSA
Rivest Shamir Adleman
SSL
Secure Socket Layer
SDHI
SD Host Interface
5
Deleted
Item
Features
Section 1 Overview
Table 1.1 SH7720/SH7721
Features
Serial
I/O with
FIFO
(SIOF0,
SIOF1)
• Internal 64-byte transmit/receive FIFO
• Supports 8-/16-/16-bit stereo sound
input/output
• Sampling rate clock input selectable
from P
φ and external pin
• Internal prescaler for Pφ
• SPI mode
 Provides continuous full-duplex
communication with SPI slave
device in fixed master mode.
 Transmit/receive data length of
fixed 8 bits
• With interrupt request and DMAC
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com