Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1459 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1459 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1455Page - Renesas Technology Corp SH7721 Datasheet HTML 1456Page - Renesas Technology Corp SH7721 Datasheet HTML 1457Page - Renesas Technology Corp SH7721 Datasheet HTML 1458Page - Renesas Technology Corp SH7721 Datasheet HTML 1459Page - Renesas Technology Corp SH7721 Datasheet HTML 1460Page - Renesas Technology Corp SH7721 Datasheet HTML 1461Page - Renesas Technology Corp SH7721 Datasheet HTML 1462Page - Renesas Technology Corp SH7721 Datasheet HTML 1463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1459 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1397 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
1.3 Pin Assignments
1.3.1 Pin Assignments
Figure 1.2 Pin Assignments
(PLBG0256GA-A (BP-256H/HV))
11
Amended
K17
→ SCIF0_TxD/IrTX/PTT2
L17
→ SCIF0_RxD/IrRX/PTT1
Figure 1.3 Pin Assignments
(PLBG0256KA-A (BP-256C/CV))
12
Amended
L20
→SCIF0_TxD/IrTX/PTT2
L21
→SCIF0_RxD/IrRX/PTT1
K1
→VssQ1
L1
→VccQ1
U5
→D5
Amended
Pin No.
(PLBG0256
GA-A)
Pin No.
(PLBG0256
KA-A)
Pin
Name
Function
U16
V15
DACK0/
PINT1/
PTM4
DMA transfer request
reception/ port
interrupt/ general-
purpose port
Y12
Y11
CS0
Chip select
Y13
Y12
RD
Read strobe
Y14
Y13
VssQ1
I/O power supply (0 V)
Y18
AA17
DACK1/
PTM5
DMA transfer request
reception/ general-
purpose port
Table 1.4 List of Pin Assignments 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com