Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1462 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1462 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1458Page - Renesas Technology Corp SH7721 Datasheet HTML 1459Page - Renesas Technology Corp SH7721 Datasheet HTML 1460Page - Renesas Technology Corp SH7721 Datasheet HTML 1461Page - Renesas Technology Corp SH7721 Datasheet HTML 1462Page - Renesas Technology Corp SH7721 Datasheet HTML 1463Page - Renesas Technology Corp SH7721 Datasheet HTML 1464Page - Renesas Technology Corp SH7721 Datasheet HTML 1465Page - Renesas Technology Corp SH7721 Datasheet HTML 1466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1462 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1400 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
248
Amended
Register
Bits 15 to 12
Bits 7 to 4
Bits 3 to 0
IPRD
Reserved*
IRQ5
IRQ4
IPRG
SCIF0
Reserved*
Reserved*
IPRJ
Reserved*
SDHI
AFEIF
8.3.1 Interrupt Priority Registers A
to J (IPRA to IPRJ)
Table 8.2 Interrupt Sources and
IPRA to IPRJ
Note:
*
Reserved. Always read as 0. The write value
should always be 0. The SSL and SDHI -related
bits are effective only for the models that include
them. Reserved bits apply if they are not included.
Changed
IRR0 is an 8-bit register that indicates interrupt
requests from the TMU and IRQ0 to IRQ5.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as
0. The write value should
always be 0.
8.3.4 Interrupt Request Register 0
(IRR0)
252
8.3.5 Interrupt Request Register 1
(IRR1)
253
Deleted
IRR1 is an 8-bit register that indicates whether interrupt
requests from the DMAC and LCDC are generated.
8.3.6 Interrupt Request Register 2
(IRR2)
254
Changed
IRR2 is an 8-bit register that indicates whether interrupt
requests from the SSL and LCDC are generated. This
register is initialized to H'00 by a power-on reset or
manual reset, but is not initialized in standby mode.
Note: On the models not having the SSL, the SSL-
related bits are reserved. The write value should always
be 0.
Added
Bit
Bit Name Description
4
SSLIR
SSLI Interrupt Request
…
Note:
On the models not having the
SSL, this bit is reserved and always read
as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com