Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1466 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1466 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1462Page - Renesas Technology Corp SH7721 Datasheet HTML 1463Page - Renesas Technology Corp SH7721 Datasheet HTML 1464Page - Renesas Technology Corp SH7721 Datasheet HTML 1465Page - Renesas Technology Corp SH7721 Datasheet HTML 1466Page - Renesas Technology Corp SH7721 Datasheet HTML 1467Page - Renesas Technology Corp SH7721 Datasheet HTML 1468Page - Renesas Technology Corp SH7721 Datasheet HTML 1469Page - Renesas Technology Corp SH7721 Datasheet HTML 1470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1466 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1404 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Amended
Name
I/O
Function
RD/
WR
O
Read/write signal
Connects to
WE pins when
SDRAM or byte-selection SRAM is
connected.
RD
O
Read strobe (read data output
enable signal)
A strobe signal to indicate the
memory read cycle when the
PCMCIA is used.
WAIT
I
External wait input (sampled at the
falling edge of CKIO)
REFOUT O
Bus mastership request signal for
refreshing
Section 9 Bus State Controller
(BSC)
9.2 Input/Output Pins
Table 9.1 Pin Configuration
283,
284
9.3.2 Shadow Area
285
Changed
The BSC decodes A28 to A25 of the physical address
and generates chip select signals that correspond to
areas 0, 2 to 4, 5A, 5B, 6A, and 6B.
Amended
Bit
Bit
Name
Initial
Value R/W
Description
31 to
16
All 0
R
Reserved
These bits are always read as 0. The
write value should always be 0.
15
0
R
Reserved
This bit is always read as 0. The
write value should always
be 0.
9.4.1 Common Control Register
(CMNCR)
291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com