Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1469 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1469 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1465Page - Renesas Technology Corp SH7721 Datasheet HTML 1466Page - Renesas Technology Corp SH7721 Datasheet HTML 1467Page - Renesas Technology Corp SH7721 Datasheet HTML 1468Page - Renesas Technology Corp SH7721 Datasheet HTML 1469Page - Renesas Technology Corp SH7721 Datasheet HTML 1470Page - Renesas Technology Corp SH7721 Datasheet HTML 1471Page - Renesas Technology Corp SH7721 Datasheet HTML 1472Page - Renesas Technology Corp SH7721 Datasheet HTML 1473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1469 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1407 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed
Channel Name
Pin
Name
I/O
0
DMA transfer request
DREQ0
Input
DMA transfer request
reception
DACK0
Output
DMA transfer end
TEND0
Output
1
DMA transfer request
DREQ1
Input
DMA transfer request
reception
DACK1
Output
DMA transfer end
TEND1
Output
Section 10 Direct Memory Access
Controller (DMAC)
10.2 Input/Output Pins
Table 10.1 Pin Configuration
409
Section 10 Direct Memory Access
Controller (DMAC)
10.4.2 DMA Transfer Requests
(3)
428
Added
….Transfer request signals comprise the transmit data
empty transfer request and receive data full transfer
request from the ADC set by CHCR0 to CHCR5 and
the SCIF0, SCIF1, MMC, USBF, SIM, SIOF0, SIOF1,
and SDHI set by DMARS0/1/2,…. These conditions
also apply to the SIOF1, MMC, USBF, SIM, SIOF0,
SIOF1, and SDHI…..
Table 10.18 Example of BSC
Ordinary Memory Access (No
Wait, Idle Cycle 1, Longword
Access to 16-Bit Device)
447
Amended
CKIO
CSn
WEn
WAIT
RD
Address
Data
T1
T2
Taw
T1
T2
Note: The DACK is asserted for the last transfer unit
of the DMA transfer. When the transfer unit is
divided into several bus cycles and the
CSn is
negated between bus cycles, the DACK is also
divided.
DACKn
(Active-low)
10.5 Usage Notes
10.5.2 Notes on the Cases When
DACK is Divided
448
Section 10.5.2 added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com