Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1472 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1472 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1468Page - Renesas Technology Corp SH7721 Datasheet HTML 1469Page - Renesas Technology Corp SH7721 Datasheet HTML 1470Page - Renesas Technology Corp SH7721 Datasheet HTML 1471Page - Renesas Technology Corp SH7721 Datasheet HTML 1472Page - Renesas Technology Corp SH7721 Datasheet HTML 1473Page - Renesas Technology Corp SH7721 Datasheet HTML 1474Page - Renesas Technology Corp SH7721 Datasheet HTML 1475Page - Renesas Technology Corp SH7721 Datasheet HTML 1476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1472 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1410 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Amended and notes added
Bit
Bit Name
Description
7
Reserved
This bit is always read as 0. The write value
should always be 0.
6
MSTP56
Module Stop Bit 56
When the MSTP56 bit is set to 1, the supply of
the clock to the SDHI is halted.
0: Clock supply to SDHI halted
1: SDHI operates
Note: On the models not having the SDHI, this
bit is reserved and is always read as 0.
The write value should always be 0.
2
MSTP52
Module Stop Bit 52
When the MSTP52 bit is set to 1, the supply of
the clock to the SSL is halted.
0: SSL operates
1: Clock supply to SSL halted
Note: On the models not having the SSL, this bit
is reserved. The write value should always
be 1.
13.3.5 Standby Control Register 5
(STBCR5)
486
13.5 Software Standby Mode
13.5.2 Canceling Software
Standby Mode
489,
490
Changed
Software standby mode is canceled by interrupts (NMI,
IRQ (edge detection), RTC, TMU, and PINT) or a reset.
(1) Canceling with Interrupt
The on-chip WDT can be used for hot starts. When the
chip detects an NMI, IRQ (edge detection)*
1, RTC*1,
TMU*
1, or PINT*1 interrupt,…
Notes: 1. Only when the RTC is used, software
standby mode can be canceled by IRQ (edge
detection), RTC, TMU, or PINT interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com