Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1468 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1468 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1464Page - Renesas Technology Corp SH7721 Datasheet HTML 1465Page - Renesas Technology Corp SH7721 Datasheet HTML 1466Page - Renesas Technology Corp SH7721 Datasheet HTML 1467Page - Renesas Technology Corp SH7721 Datasheet HTML 1468Page - Renesas Technology Corp SH7721 Datasheet HTML 1469Page - Renesas Technology Corp SH7721 Datasheet HTML 1470Page - Renesas Technology Corp SH7721 Datasheet HTML 1471Page - Renesas Technology Corp SH7721 Datasheet HTML 1472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1468 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1406 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Amended
Bit
Bit
Name
R/W
Description
12
R
Reserved
This bit is always read as 0. The
write value should always be 0.
11
RFSH
R/W
Refresh Control
Specifies whether or not the refresh
operation of the SDRAM is
performed.
0: No refresh
1: Refresh
9.4.4 SDRAM Control Register
(SDCR)
326
9.5.5 SDRAM Interface
(10) Low-Frequency Mode
Deleted
9.5.7 Byte-Selection SRAM
Interface
Figure 9.34 Wait Timing for Byte-
Selection SRAM (BAS = 1)
(Software Wait Only)
390
Changed
T2
CKIO
A25 to A0
Tf
Th
T1
Tw
Figure 9.36 Example of
Connection with 16-Bit Data-Width
Byte-Selection SRAM
391
Changed
64Kx16bit
SRAM
A15
A0
CS
OE
WE
I/O15
I/O0
UB
LB
9.5.8 PCMCIA Interface
(1) Basic Timing for Memory Card
Interface
395
Changed
If all 32 Mbytes of the memory space are used as an IC
memory card interface, the REG signal that switches
between the common memory and attribute memory
can be generated by an I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com