Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1471 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1471 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1467Page - Renesas Technology Corp SH7721 Datasheet HTML 1468Page - Renesas Technology Corp SH7721 Datasheet HTML 1469Page - Renesas Technology Corp SH7721 Datasheet HTML 1470Page - Renesas Technology Corp SH7721 Datasheet HTML 1471Page - Renesas Technology Corp SH7721 Datasheet HTML 1472Page - Renesas Technology Corp SH7721 Datasheet HTML 1473Page - Renesas Technology Corp SH7721 Datasheet HTML 1474Page - Renesas Technology Corp SH7721 Datasheet HTML 1475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1471 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1409 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed
Bit
Bit Name Description
7
6
5
USSCS2
USSCS1
USSCS0
Source Clock Select
These bits select the source clock.
000: Clock stopped
001: Setting prohibited
010: Setting prohibited
011: Initial value
(To run the USBH/USB, however, change
the setting to "110: EXTAL_USB" or "111:
USB crystal resonator".)
100: Setting prohibited
101: Setting prohibited
110: EXTAL_USB
111: USB crystal resonator
11.4.2 USBH/USBF Clock Control
Register (UCLKCR)
464
11.6 Usage Notes
466
Notes 4 and 5 added.
Changed
Mode
Transition
Conditions
Canceling Procedure
Software
Standby
mode
Execute
SLEEP
instruction
with STBY bit
in STBCR set
to 1
•
Interrupt (NMI, IRQ (edge
detection), RTC, TMU, PINT
•
Reset
Section 13 Power-Down Modes
13.1 Features
Table 13.1 States of Power-Down
Modes
478
Changed
Pin Name
Abbreviation
I/O
Status 1 output
STATUS1
Output
Status 0 output
STATUS0
Chip active
CA
Input
13.2 Input/Output Pins
Table 13.2 Pin Configuration
479



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com