Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1474 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1474 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1470Page - Renesas Technology Corp SH7721 Datasheet HTML 1471Page - Renesas Technology Corp SH7721 Datasheet HTML 1472Page - Renesas Technology Corp SH7721 Datasheet HTML 1473Page - Renesas Technology Corp SH7721 Datasheet HTML 1474Page - Renesas Technology Corp SH7721 Datasheet HTML 1475Page - Renesas Technology Corp SH7721 Datasheet HTML 1476Page - Renesas Technology Corp SH7721 Datasheet HTML 1477Page - Renesas Technology Corp SH7721 Datasheet HTML 1478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1474 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1412 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed
Channel
Pin Name
Abbreviation
0
SCIF0_SCK
SCK
SCIF0_RxD
RxD
SCIF0_TxD
TxD
SCIF0_CTS
CTS*2
SCIF0_RTS
RTS*2
Section 18 Serial Communication
Interface with FIFO (SCIF)
Table 18.1 Pin configuration
588
18.5 Interrupt Sources and DMAC 635
Changed
• Set the interrupt enable bits (TIE, RIE) that
correspond to the interrupt sources used for
activation of the DMAC. Clear the other interrupt
enable bits (TSIE, ERIE, BRIE, and DRIE) to 0.
Changed
Name
Pin Name
Abbreviation
IrDA receive
data
IrRX
IrRx
IrDA transmit
data
IrTX
IrTx
Section 19 Infrared Data
Association Module (IrDA)
19.2 Input/Output Pins
Table 19.1 Pin Configuration
640
Section 19.3 Infrared Data
Association Module (IrDA)
19.3.1 IrDA Mode Register
(SCIMR)
641
Added
Note: Recommended value of IrDA
Changed
Name
Pin Name
Abbreviation
IIC clock
IIC_SCL
SCL
IIC data I/O
IIC_SDA
SDA
Section 20 I
2C Bus Interface (IIC)
20.2 Input/Output Pins
Table 20.1 I
2C Bus Interface Pins
648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com