Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1477 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1477 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1473Page - Renesas Technology Corp SH7721 Datasheet HTML 1474Page - Renesas Technology Corp SH7721 Datasheet HTML 1475Page - Renesas Technology Corp SH7721 Datasheet HTML 1476Page - Renesas Technology Corp SH7721 Datasheet HTML 1477Page - Renesas Technology Corp SH7721 Datasheet HTML 1478Page - Renesas Technology Corp SH7721 Datasheet HTML 1479Page - Renesas Technology Corp SH7721 Datasheet HTML 1480Page - Renesas Technology Corp SH7721 Datasheet HTML 1481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1477 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1415 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
(2) Reception in Master Mode
722
Figure 21.10 replaced.
Clear the RXE bit in SICTR to 0
Set to disa
8
9
10
11
12
End
Set the FSE bit in SICTR to 0
Set the MSSEL bit in SISCR to 1
Set BRDV=111
and BPRS=00000 in SISCR
Start the setting FSE=0,
TXE=0 and other bit.
Add pulse (0
→1→0)
to the RXRST in SISCR
Reset the master clock source
and baud rate in SISCR
Synchronize this LSI internal
frame with FSE=0 if restarting
recept later.
Execute internal initialization
of the bit rate generator
if restarting recept later.
'No' requires further setting
if transmission is not restarted
(No).
When returning to the same
recept mode from here,
go back to No.4, FSE setting,
on this flowchart.
Go to "Start" on each flowchart.
No
Yes
Change other
transmit mode?
Table 21.11 Transmit and
Receive Reset
725
Added Note 1 to 4
Notes: Refer to the following procedure to operate the
transmit reset/receive reset.
1. Set the master clock source in peripheral clock.
(Write 1 (master clock = Pf (peripheral clock)) to
MSSEL bit in the SISCR register).
2. Set prescaler count value of the baud rate generator
by1/1. (Write "00000" (division ratio= 1/1) to the
BRPS bits 4 to 0 in SISCR register).
3. Set division ratio in borate generator's output level
by 1/1. (Write "111" (division ratio=1/1) to the BRDV
bits 2 to 0 in SISCR register).
4. Reset transmit/receive operation. (Write "1", to
reset, to TXRST or RXRST bit in the SICTR
register).
21.4 Operation
21.4.10 SPI Mode
Deleted
21.5 Usage Notes
734
Added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com