Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1480 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1480 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1476Page - Renesas Technology Corp SH7721 Datasheet HTML 1477Page - Renesas Technology Corp SH7721 Datasheet HTML 1478Page - Renesas Technology Corp SH7721 Datasheet HTML 1479Page - Renesas Technology Corp SH7721 Datasheet HTML 1480Page - Renesas Technology Corp SH7721 Datasheet HTML 1481Page - Renesas Technology Corp SH7721 Datasheet HTML 1482Page - Renesas Technology Corp SH7721 Datasheet HTML 1483Page - Renesas Technology Corp SH7721 Datasheet HTML 1484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1480 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1418 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Section 25 USB Function
Controller (USBF)
25.1 Features
803
Deleted
• Supports self-powered mode
Changed
Name
Pin Name
I/O
Function
USB1
overcurrent/m
onitor pin
USB1_ovr_current/
USBF_VBUS
Input
USB port 1 over-
current detection/
USB cable
connection monitor
pin
USB external
clock
EXTAL_USB
Input
Connect a crystal
resonator for USB.
Alternatively, an
external clock (48
MHz) may be input
for USB.
USB crystal
XTAL_USB
Output
Connect a crystal
resonator for USB.
USB1 power
enable/pull-up
control pin
USB1_pwr_en/US
BF_UPLUP
Output
USB port 1 power
enable control/
Pull-up control output
pin
2P pin
USB2_P
I/O
D
+
2M pin
USB2_M
I/O
D
−
Section 25 USB Function
Controller (USBF)
25.2 Input/Output Pins
Table 25.1 Pin Configuration and
Functions
805
25.3 Register Description
25.3.1 Interrupt Flag Register 0
(IFR0)
25.3.2 Interrupt Flag Register 1
(IFR1)
25.3.3 Interrupt Flag Register 2
(IFR2)
25.3.4 Interrupt Flag Register 3
(IFR3)
25.3.5 Interrupt Flag Register 4
(IFR4)
808,
810,
811,
813,
815
Amended
Shown below is the revised explanation in section
25.3.1. The same change has been made to sections
25.3.2 to 25.3.5
When each flag is set to 1 and the interrupt is enabled
in the corresponding bit of IER0, an interrupt request is
generated from the INT pin as specified by the
corresponding bit in ISR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com