Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1483 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1483 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1479Page - Renesas Technology Corp SH7721 Datasheet HTML 1480Page - Renesas Technology Corp SH7721 Datasheet HTML 1481Page - Renesas Technology Corp SH7721 Datasheet HTML 1482Page - Renesas Technology Corp SH7721 Datasheet HTML 1483Page - Renesas Technology Corp SH7721 Datasheet HTML 1484Page - Renesas Technology Corp SH7721 Datasheet HTML 1485Page - Renesas Technology Corp SH7721 Datasheet HTML 1486Page - Renesas Technology Corp SH7721 Datasheet HTML 1487Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1483 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1421 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Table 26.3 Limits on the
Resolution of Rotated Displays,
Burst Length, and Connected
Memory (32-bit SDRAM)
901
Changed
Note: Set the data of the number of line specified as
burst length that can be stored in address of SDRAM
same as that of ROW.
26.5 Clock and LCD Data Signal
Examples
Figure 26.21 Clock and LCD Data Signal Example (TFT
Color 12-Bit Data Bus Module) deleted.
Section 27 A/D Converter
27.1 Features
929
Amended
• High-speed conversion
 Minimum conversion time: 15 µs per channel
(P
φ = 33 MHz operation)
Changed
Pin Name
Abbreviation
I/O
Function
Analog power
supply pin
AVcc
Input
Analog power supply
and reference
voltage for A/D
conversion
Analog ground pin
AVss
Input
Analog ground
ADC analog input
pin 0
AN0
Input
Analog inputs
ADC analog input
pin 1
AN1
Input
ADC analog input
pin 2
AN2
Input
ADC analog input
pin 3
AN3
Input
ADC external
trigger pin
ADTRG
Input
External trigger input
for starting A/D
conversion
27.2 Input Pins
Table 27.1 Pin Configuration
931
27.3 Register Description
27.3.1 A/D Data Registers A to D
(ADDRA to ADDRD)
932
Added
Each ADDR is initialized to H'0000 by a reset and the
module standby function and in standby mode.
27.3.2
A/D Control/Status
Registers (ADCSR)
933
Added
ADCSR is initialized to H'0000 by a reset and the
module standby function and in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com