Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1484 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1484 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1480Page - Renesas Technology Corp SH7721 Datasheet HTML 1481Page - Renesas Technology Corp SH7721 Datasheet HTML 1482Page - Renesas Technology Corp SH7721 Datasheet HTML 1483Page - Renesas Technology Corp SH7721 Datasheet HTML 1484Page - Renesas Technology Corp SH7721 Datasheet HTML 1485Page - Renesas Technology Corp SH7721 Datasheet HTML 1486Page - Renesas Technology Corp SH7721 Datasheet HTML 1487Page - Renesas Technology Corp SH7721 Datasheet HTML 1488Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1484 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1422 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
27.4 Operation
27.4.1 Single Mode
936
Steps 1 and 9 added; step 8 partially deleted.
1.Start the clock supply to the ADC module (clear the
MSTP33 bit in STBCR3 to 0) to run the ADC module.
…
8.Execution of the A/D interrupt handling routine ends.
Then, when the ADST bit is set to 1, A/D conversion
starts and steps 2 to 7 are executed.
9.Stop the clock supply to the ADC module (set the
MSTP33 bit in STBCR3 to 1) to place the ADC in the
module standby state.
27.4.2 Multi Mode
938
Steps 1 and 7 added (same as steps 1 and 9 above).
27.4.3 Scan Mode
940
Steps 1 and 8 added (same as steps 1 and 9 above);
step 7 partially deleted and changed.
…
7. Steps 3 to 5 are repeated as long as the ADST bit
remains set to 1. When the ADST bit is cleared to 0,
A/D conversion stops. After that, if the ADST bit is set
to 1, A/D conversion starts again from the first
channel (AN0).
…
Table 27.3 A/D Conversion Time
(Single Mode)
943
Added
Note: Values in the table are numbers of states (tcyc)
for P
φ.
27.7 Usage Notes
27.7.1 Notes on A/D Conversion
27.7.2 Notes on A/D Conversion-
End Interrupt and DMA Transfer
946
to
948
Added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com