Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1487 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1487 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1483Page - Renesas Technology Corp SH7721 Datasheet HTML 1484Page - Renesas Technology Corp SH7721 Datasheet HTML 1485Page - Renesas Technology Corp SH7721 Datasheet HTML 1486Page - Renesas Technology Corp SH7721 Datasheet HTML 1487Page - Renesas Technology Corp SH7721 Datasheet HTML 1488Page - Renesas Technology Corp SH7721 Datasheet HTML 1489Page - Renesas Technology Corp SH7721 Datasheet HTML 1490Page - Renesas Technology Corp SH7721 Datasheet HTML 1491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1487 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1425 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Amended
Bit
Bit
Name
Description
7
P0RDY/
IREQ
PCC0 Ready
The value on the RDY/
BSY pin of the PC card
connected to area 6 is read when the IC memory
card interface is connected. The value of
IREQ pin
of the PC card connected to area 6 is read when
the I/O card interface is connected. This bit cannot
be written to.
0: Indicates that the value of RDY/
BSY is 0 when
the PC card connected to area 6 is an IC
memory card interface type. The value of
RDY/
BSY is 0 when the PC card connected to
area 6 is the I/O card interface type.
1: Indicates that the value of PCC_RDY (
IREQ) is 1
when the PC card connected to area 6 is the IC
memory card interface type. The value of
PCC_RDY (
IREQ) is 1 when the PC card
connected to area 6 is the I/O card interface type.
6
P0MWP PCC0 Write Protect
The value of WP of the PC card connected to area
6 is read when the IC memory card interface is
connected. 0 is read when the I/O card interface is
connected. This bit cannot be written to.
0: Indicates that the value of WP is 0 when the PC
card connected to area 6 uses the IC memory
card interface type. The value of bit 6 is always 0
when the PC card connected to area 6 is the I/O
card interface type.
1: Indicates that the value of WP is 1 when the PC
card connected to area 6 is the IC memory card
interface type.
29.3.1 Area 6 Interface Status
Register (PCC0ISR)
964
Changed
Bit
Bit
Name
Description
1
P0BVD
2/
P0SPK
R
0
P0BVD
1/
P0STS
CHG
PCC0 Battery Voltage Detect 2 and 1
The values of BVD1 and BVD2 pin of the PC card
connected to area 6 are read when the IC memory
card interface is connected. The values of
STSCHG
and
SPKR pin of the PC card connected to area 6
are read when the I/O card interface is connected.
These bits cannot be written to.
(1) and (2) added
29.3.1 Area 6 Interface Status
Register (PCC0ISR)
965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com