Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1490 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1490 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1486Page - Renesas Technology Corp SH7721 Datasheet HTML 1487Page - Renesas Technology Corp SH7721 Datasheet HTML 1488Page - Renesas Technology Corp SH7721 Datasheet HTML 1489Page - Renesas Technology Corp SH7721 Datasheet HTML 1490Page - Renesas Technology Corp SH7721 Datasheet HTML 1491Page - Renesas Technology Corp SH7721 Datasheet HTML 1492Page - Renesas Technology Corp SH7721 Datasheet HTML 1493Page - Renesas Technology Corp SH7721 Datasheet HTML 1494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1490 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1428 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed
Bit
Bit Name
Initial Value
R/W
7 to 5
All 0
4 to 0
RSPRD
All 0
R/W
31.3.7 Response Registers 0 to
16 and D (RSPR0 to RSPR16 and
RSPRD)
1040
Amended
Bit
Bit Name Description
2
CRCERI
CRC Error Flag
[Setting condition]
When a CRC error for command response
or receive data, and CRC status error for
transmission data response are detected
while CRCERIE = 1.
For any non-R2 command response, CRC
is checked when the RTY4 in RSPTYR is
set for enabling.
For the R2 command response, CRC is
not checked; therefore, this flag is not set.
[Clearing condition]
Write 0 after reading CRCERI = 1.
Note:
When the CRC error occurs,
halt the command sequence by
setting the CMDOFF bit to 1.
31.3.14 Interrupt Status Registers
0 and 1 (INTSTR0 and INTSTR1)
1051
31.3.15 Transfer Clock Control
Register (CLKON)
1053 Changed
The 33-MHz peripheral clock is needed, and bits
CSEL3 to CSEL0 should be set to 0001 for a 16.5-
Mbps transfer clock of the MMCIF.
Changed
Bit
Bit Name Description
7
CLKON
Clock On
0: Stops the transfer clock output from the
CLK/SCLK pin.
1: Outputs the transfer clock from the
CLK/SCLK pin.
1053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com