Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1493 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1493 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1489Page - Renesas Technology Corp SH7721 Datasheet HTML 1490Page - Renesas Technology Corp SH7721 Datasheet HTML 1491Page - Renesas Technology Corp SH7721 Datasheet HTML 1492Page - Renesas Technology Corp SH7721 Datasheet HTML 1493Page - Renesas Technology Corp SH7721 Datasheet HTML 1494Page - Renesas Technology Corp SH7721 Datasheet HTML 1495Page - Renesas Technology Corp SH7721 Datasheet HTML 1496Page - Renesas Technology Corp SH7721 Datasheet HTML 1497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1493 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1431 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Figure 31.11 Operational
Flowchart for Commands with
Read Data (Single Block Transfer)
1071 Changed
Command sequence end
Read response register
Read data from FIFO
FIFO clear
Write 1 to CMDOFF
Write 1 to RD_CONTI
Read data from FIFO
Write 1 to CMDOFF
Yes
No
Yes
No
Yes
No
Yes
Yes
No
No
Yes
No
Yes
No
Cap
≥ Len - Cap × n(FFI)
Is response
status normal?
Is DTERI interrupt
generated?
Is CRCERI interrupt
generated?
Is DTERI interrupt
generated?
Is DTI interrupt
generated?
Is FFI interrupt
generated?
*
Block length (byte)
Len:
Cap:
n(FFI):
FIFO size (byte)
The number of FEIs
from the start of read sequence
Note:*
Figure 31.12 Operational
Flowchart for Commands with
Read Data (Open-ended
Multiblock Transfer) (2)
1073 Changed
No
Yes
Cap
≥
Len (1 + n(DTI))
- Cap
× n(FFI) *
(6) Commands with Write Data
Figure 31.15 Example of
Command Sequence for
Commands with Write Data
(Block Size
≤ FIFO Size)
1078 Changed
(CWRE)
(BUSY)
(DTBUSY_TU)
(DTBUSY)
(REQ)
Single block write command execution sequence
(FIFO_EMPTY)
Figure 31.19 Operational
Flowchart for Commands with
Write Data (Single Block Transfer)
1082 Changed
Execute CMD24 (CMDR to CMDSTRT)
Read response register
Is CRPI interrupt
generated?
Is CTERI interrupt
generated?
Yes
Yes
Yes
Yes
No
No
No
Is response status
normal?
Does CMD16 end
successfully?
Is CRCERI interrupt
generated?
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com