Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1496 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1496 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1492Page - Renesas Technology Corp SH7721 Datasheet HTML 1493Page - Renesas Technology Corp SH7721 Datasheet HTML 1494Page - Renesas Technology Corp SH7721 Datasheet HTML 1495Page - Renesas Technology Corp SH7721 Datasheet HTML 1496Page - Renesas Technology Corp SH7721 Datasheet HTML 1497Page - Renesas Technology Corp SH7721 Datasheet HTML 1498Page - Renesas Technology Corp SH7721 Datasheet HTML 1499Page - Renesas Technology Corp SH7721 Datasheet HTML 1500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1496 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1434 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Section 34 Pin Function Controller
(PFC)
1141
Added
Note:The signals related to the SDHI can be selected
only on the models that include them.
Added and changed
Port
Port Function
(Related Module)
Other Function (Related Module)
E
PTE6 input (port)
AFE_RXIN input (AFEIF)/IIC_SCL input/output
(IIC)
PTE5 input (port)
AFE_RDET input (AFEIF)/IIC_SDA input/output
(IIC)
F
PTF0 input (port)
ADTRG input (ADC)
T
PTT4 input/output
(port)
SCIF0_CTS input (SCIF)/TPU_TO1 output (TPU)
PTT3 input/output
(port)
SCIF0_RTS output (SCIF)/TPU_TO0 output (TPU)
PTT2 input/output
(port)
SCIF0_TxD output (SCIF)/IrTX output (IrDA)
PTT1 input/output
(port)
SCIF0_RxD input (SCIF)/IrRX input(IrDA)
PTT0 input/output
(port)
SCIF0_SCK input/output (SCIF)
U
PTU4 input/output
(port)
SIOF1_SYNC input/output (SIOF)/SD_DAT2
input/output (SDHI)
PTU3 input/output
(port)
SIOF1_MCLK input (SIOF)/SD_DAT1 input/output
(SDHI)/ TPU_TI3B input (TPU)
PTU2 input/output
(port)
MMC_DAT input/output (MMC)/
SIOF1_TxD output (SIOF)/SD_DAT0 input/output
(SDHI)/ TPU_TI3A input (TPU)
PTU1 input/output
(port)
MMC_CMD input/output (MMC)/
SIOF1_RxD input (SIOF)/SD_CMD input/output
(SDHI)/ TPU_TI2B input (TPU)
PTU0 input/output
(port)
MMC_CLK output (MMC)/
SIOF1_SCK input/output (SIOF)/SD_CLK output
(SDHI)/ TPU_TI2A input (TPU)
Table 34.1 Multiplexed Pins
1142,
1144,
1145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com