Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1494 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1494 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1490Page - Renesas Technology Corp SH7721 Datasheet HTML 1491Page - Renesas Technology Corp SH7721 Datasheet HTML 1492Page - Renesas Technology Corp SH7721 Datasheet HTML 1493Page - Renesas Technology Corp SH7721 Datasheet HTML 1494Page - Renesas Technology Corp SH7721 Datasheet HTML 1495Page - Renesas Technology Corp SH7721 Datasheet HTML 1496Page - Renesas Technology Corp SH7721 Datasheet HTML 1497Page - Renesas Technology Corp SH7721 Datasheet HTML 1498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1494 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1432 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Figure 31.21 Operational
Flowchart for Commands with
Write Data (Pre-defined Multiblock
Transfer) (1)
1085
Corrected
Yes
No
Is CRCERI interrupt
generated?
Figure 31.21 Operational
Flowchart for Commands with
Write Data (Pre-defined Multiblock
Transfer) (2)
1086
Corrected (arrow deleted)
Is DRPI interrupt
generated?
Is DTBUSY
detected?
TBNCR = n(DRPI)?
Is BTI interrupt
generated?
Yes
Yes
Yes
Yes
No
No
No
No
Notes: 1.
Write data of block length
when block length
≤ FIFO size,
data of FIFO size
when block length > FIFO size.
31.5 Operations Using DMAC
Figure 31.25 Operational
Flowchart for Read Sequence
(Pre-defined Multiblock Transfer)
(1)
1093
Corrected
Set the number of transfer blocks to TBNCR
Figure 31.27 Operational
Flowchart for Pre-defined
Multiblock Read Transfer in Auto
Mode (1)
1096
Corrected
Write the number of transfer
blocks to TBNCR
31.5.2 Operation of Write
Sequence
Figure 31.29 Operational
Flowchart for Write Sequence
(Open-ended Multiblock Transfer)
(2)
1102
Changed
Write 1 to CMDOFF
Set DMACR to H'00
Write 1 to CMDOFF
FIFO clear
Write 1 to CMDOFF
No
Yes
Is next block
written?
Command sequence end
Execute CMD12
Execute CMD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com