Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1491 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1491 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1487Page - Renesas Technology Corp SH7721 Datasheet HTML 1488Page - Renesas Technology Corp SH7721 Datasheet HTML 1489Page - Renesas Technology Corp SH7721 Datasheet HTML 1490Page - Renesas Technology Corp SH7721 Datasheet HTML 1491Page - Renesas Technology Corp SH7721 Datasheet HTML 1492Page - Renesas Technology Corp SH7721 Datasheet HTML 1493Page - Renesas Technology Corp SH7721 Datasheet HTML 1494Page - Renesas Technology Corp SH7721 Datasheet HTML 1495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1491 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1429 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
31.3.19 DMA Control Register
(DMACR)
1055
Restrictions added
Set this register before executing a multiblock transfer
command (CMD18 or CMD25). Auto mode cannot be
used for open-ended multiblock transfer.
1059 Deleted
…In this case, the transfer clock of CLKON should be
divided by 100 and the transfer clock frequency should
be set sufficiently slow.
31.4 Operation
31.4.1 Operations in MMC Mode
(1) Operation of Broadcast
Commands
Corrected and deleted
The individual MMC compares its CID and data on the
MMC_CMD, and if different, aborts CID output. A single
MMC in which the CID can be entirely output enters the
acknowledge state. When the R2 response is
necessary, CTOCR should be set to H'01.
(4) Operation of Commands
without Data Transfer
1062 Corrected
For a command that is related to time-consuming
processing such as flash memory write/erase, the MMC
indicates the data busy state via the MMC_DAT.
…
• Whether the data busy state is entered or not is
determined by the DTBUSY bit in CSTR. …
Figure 31.5 Example of Command
Sequence for Commands without
Data Transfer (with Data Busy
State)
1064 Changed
(BUSY)
(REQ)
Command sequence execution period
Data busy period
(DTBUSY_TU)
(DTBUSY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com