Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1488 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1488 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1484Page - Renesas Technology Corp SH7721 Datasheet HTML 1485Page - Renesas Technology Corp SH7721 Datasheet HTML 1486Page - Renesas Technology Corp SH7721 Datasheet HTML 1487Page - Renesas Technology Corp SH7721 Datasheet HTML 1488Page - Renesas Technology Corp SH7721 Datasheet HTML 1489Page - Renesas Technology Corp SH7721 Datasheet HTML 1490Page - Renesas Technology Corp SH7721 Datasheet HTML 1491Page - Renesas Technology Corp SH7721 Datasheet HTML 1492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1488 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1426 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
29.5 Usage Notes
(2) Pin Function Control and Card
Type Switching
985
Changed
….Also, the card status change register (PCC0CSCR)
must be cleared after the setting has been made.
However, this restriction does not apply to the card
detection pins (
CD1 and CD2).
Changed
Name
Abbreviation
I/O
SIM data
SIM_D*
I/O
SIM clock
SIM_CLK
Output
SIM reset
SIM_RST
Output
Section 30 SIM Card Module
(SIM)
30.2 Input/Output Pins
Table 30.1 Pin Configuration
989
1033 Changed
RSPTYR specifies command format in conjunction with
CMDTYR. Bits RTY2 to RTY0 are used to specify the
number of response bytes, and bits RTY5 and RTY4
are used to make additional settings.
1033
Bit 6 changed to a reserved bit.
31.3.3 Response Type Register
(RSPTYR)
1033
Note:Checking of CRC by RTY4 and RTY6 is not
checking the command response CRC error bit
but checking the command response CRC. This
checking is not performed for the CRC of the R2
command response in MMC mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com