Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1485 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1485 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1481Page - Renesas Technology Corp SH7721 Datasheet HTML 1482Page - Renesas Technology Corp SH7721 Datasheet HTML 1483Page - Renesas Technology Corp SH7721 Datasheet HTML 1484Page - Renesas Technology Corp SH7721 Datasheet HTML 1485Page - Renesas Technology Corp SH7721 Datasheet HTML 1486Page - Renesas Technology Corp SH7721 Datasheet HTML 1487Page - Renesas Technology Corp SH7721 Datasheet HTML 1488Page - Renesas Technology Corp SH7721 Datasheet HTML 1489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1485 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1423 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
27.7.5 Setting Analog Input
Voltage
949
Deleted
Operating the chip in excess of the following voltage
range may result in damage to chip reliability.
• Analog Input Voltage Range: During A/D
conversion, the voltages (VANn) input to the analog
input pins ANn should be in the range AV
SS ≤ VANn
≤ AV
CC (n = 0 to 3).
• The relationship between AV
CC, AVSS and VCCQ,
V
SSQ should satisfy VCCQ - 0.3 V ≤ AVCC ≤ VCCQ + 0.3
V and AV
SS = VSSQ.
Even when the A/D converter is
not used, make sure that AV
CC is connected to VccQ
and AV
SS is connected to VssQ.
Section 28 D/A Converter (DAC)
28.5 Usage Note
28.5.1 Handling of the Analog
Power Supply Pins
Deleted
Section 29 PC card controller
(PCC)
29.1.1 PCMCIA Support
(1) Continuous 32-Mbyte Area
Mode
959
Changed
….When an address of 32 Mbytes or less is accessed,
set 0 in POPA25. This bit does not affect access to
attribute memory space or I/O memory space.
(2) Continuous 16-Mbyte Area
Mode
961
Changed and deleted
….In the common memory space, set the PC card
address in bit 2 (P0PA25) and bit 1 (P0PA24) of the
general control register to access each address space
of 16 Mbytes unit. By this operation, values are output
to A25 and A24 pins, enabling an address space of
more than 16 Mbytes specified by P0PA24 to be
accessed (initial value: 0 for P0PA25).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com