Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1482 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1482 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1478Page - Renesas Technology Corp SH7721 Datasheet HTML 1479Page - Renesas Technology Corp SH7721 Datasheet HTML 1480Page - Renesas Technology Corp SH7721 Datasheet HTML 1481Page - Renesas Technology Corp SH7721 Datasheet HTML 1482Page - Renesas Technology Corp SH7721 Datasheet HTML 1483Page - Renesas Technology Corp SH7721 Datasheet HTML 1484Page - Renesas Technology Corp SH7721 Datasheet HTML 1485Page - Renesas Technology Corp SH7721 Datasheet HTML 1486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1482 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1420 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
25.5 EP4 Isochronous-Out
Transfer
Figure 25.14 EP4 Isochronous-
Out Transfer Operation (SOF is
Normal)
Figure 25.15 EP4 Isochronous-
Out Transfer Operation (SOF is
Broken)
849,
890
All “INTN” in the figures changed to “Interrupt request”.
25.6 EP5 Isochronous-In Transfer
Figure 25.16 EP5 Isochronous-In
Transfer Operation (SOF is
Normal)
Figure 25.17 EP5 Isochronous-In
Transfer Operation (SOF in
Broken)
852,
853
All “INTN” in the figures changed to “Interrupt request”.
25.9 Usage Notes
25.9.7 Note on Clock Frequency
861
Section 25.9.7 added.
Section 26 LCD Controller
863
Representations of the bus clock and peripheral clock
are changed from Bck and Pck to B
φ and Pφ,
respectively.
26.1 Features
863
Corrected
• Supports the selection of data formats (the endian
setting for bytes, packed pixel method) by register
settings.
26.3 Register Description
26.3.1 LCDC Input Clock Register
(LDICKR)
867
Added
This LCDC can select the bus clock (B
φ), the peripheral
clock (P
φ), or the external clock (LCD_CLK) as its
operation clock source.
26.3.10 LCDC Horizontal
Character Number Register
(LDHCNR)
880
Deleted
Notes:
1. The values set in HDCN and HTCN must satisfy the
relationship of HTCN
≥ HDCN. Also, the total
number of characters of HTCN must be an even
number. (The set value will be an odd number, as it
is one less than the actual number.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com