Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1478 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1478 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1474Page - Renesas Technology Corp SH7721 Datasheet HTML 1475Page - Renesas Technology Corp SH7721 Datasheet HTML 1476Page - Renesas Technology Corp SH7721 Datasheet HTML 1477Page - Renesas Technology Corp SH7721 Datasheet HTML 1478Page - Renesas Technology Corp SH7721 Datasheet HTML 1479Page - Renesas Technology Corp SH7721 Datasheet HTML 1480Page - Renesas Technology Corp SH7721 Datasheet HTML 1481Page - Renesas Technology Corp SH7721 Datasheet HTML 1482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1478 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1416 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed
Name
Pin Name
I/O
USB1 power
enable/pull-up control
pin
USB1_pwr_en/
USBF_UPLUP
Output
USB2 power enable
pin
USB2_pwr_en
Output
USB1 overcurrent
/monitor pin
USB1_ovr_current/
USBF_VBUS
Input
USB2 overcurrent pin
USB2_ovr_current
Input
Section 23 USB Pin Multiplex
Controller
23.2 Input/Output Pins
Table 23.3 Pin Configuration
(Power Control Signal)
757
23.4 Examples of External Circuit
23.4.1 Example of the Connection
between USB Function Controller
and Transceiver
759
Changed
The USBF_VBUS pin is multiplexed with the
USB1_ovr_current pin, and writing 1 to bit 0
(USB_SEL) of UTRCTL selects the USBF_VBUS pin
functions.
23.5 Usage Notes
23.5.3 Handling of USB Power
Supply
Deleted
Section 24 USB Host Controller
(USBH)
24.1 Features
765
Added
• Support 127 endpoints control in maximum
• Possible to use only the SDRAM area of area 3 as
transmit data and discriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com