Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1481 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1481 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1477Page - Renesas Technology Corp SH7721 Datasheet HTML 1478Page - Renesas Technology Corp SH7721 Datasheet HTML 1479Page - Renesas Technology Corp SH7721 Datasheet HTML 1480Page - Renesas Technology Corp SH7721 Datasheet HTML 1481Page - Renesas Technology Corp SH7721 Datasheet HTML 1482Page - Renesas Technology Corp SH7721 Datasheet HTML 1483Page - Renesas Technology Corp SH7721 Datasheet HTML 1484Page - Renesas Technology Corp SH7721 Datasheet HTML 1485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1481 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1419 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
25.3.6 Interrupt Select Register 0
(ISR0)
25.3.7 Interrupt Select Register 1
(ISR1)
25.3.8 Interrupt Select Register 2
(ISR2)
25.3.9 Interrupt Select Register 3
(ISR3)
25.3.10 Interrupt Select Register 4
(ISR4)
816,
817,
818
Amended
Shown below is the revised explanation in section
25.3.6 (above the table). The same change has been
made to sections 25.3.7 to 25.3.10 (only the register
names differ: ISR0
→ ISR1 to ISR4 and interrupt flag
register 0
→ interrupt flag register 1 to 4).
ISR0 selects the interrupt requests to the INTC to be
indicated in interrupt flag register 0. When a bit in ISR0
is cleared to 0, the corresponding interrupt is requested
as a USBFI0 interrupt. When a bit is set to 1, the
corresponding interrupt is requested as a USBFI1
interrupt. With the initial value, each of the interrupt
source flags in the interrupt flag register 0 is selected
as a USBFI0 interrupt.
25.3.11 Interrupt Enable Register
0 (IER0)
25.3.12 Interrupt Enable Register
1 (IER1)
25.3.13 Interrupt Enable Register
2 (IER2)
25.3.14 Interrupt Enable Register
3 (IER3)
25.3.15 Interrupt Enable Register
4 (IER4)
818,
819,
820,
Changed
Shown below is the revised explanation in section
25.3.11. The same change has been made to sections
25.3.12 to 25.3.15 (only the register name differs:
interrupt select register 0
→ interrupt select register 1 to
4).
When an interrupt flag is set to 1 while the
corresponding bit of each interrupt is set to 1, the
interrupt request set in the interrupt select register 0 is
issued.
25.3.31 DMA Transfer Setting
Register (DMA)
826
Corrected
The USB1_pwr_en pin level can be controlled by the bit
2.
Changed
Bit
Bit
Name
Initial
value
R/W
Description
2
0
R
Reserved
This bit is always read as 0. The
write value should always be 0.
25.3.36 Control Register 0
(CTLR0)
830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com