Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1479 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1479 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1475Page - Renesas Technology Corp SH7721 Datasheet HTML 1476Page - Renesas Technology Corp SH7721 Datasheet HTML 1477Page - Renesas Technology Corp SH7721 Datasheet HTML 1478Page - Renesas Technology Corp SH7721 Datasheet HTML 1479Page - Renesas Technology Corp SH7721 Datasheet HTML 1480Page - Renesas Technology Corp SH7721 Datasheet HTML 1481Page - Renesas Technology Corp SH7721 Datasheet HTML 1482Page - Renesas Technology Corp SH7721 Datasheet HTML 1483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1479 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1417 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Amended
Pin Name
Pin Name
I/O
Function
USB1 power
enable/pull-up
control pin
USB1_pwr_en
Output
USB port 1 power
enable control
USB2 power
enable pin
USB2_pwr_en
Output
USB port 2 power
enable control
USB1
overcurrent/m
onitor pin
USB1_ovr_current/
USBF_VBUS
Input
USB port 1 over-
current detect/
USB cable
connection monitor
pin
USB2
overcurrent
pin
USB2_ovr_current Input
USB port 2 over-
current detect
USB external
clock
EXTAL_USB
Input
Connect a crystal
resonator for USB.
Alternatively, an
external clock (48
MHz) may be input
for USB.
USB crystal
XTAL_USB
Output
Connect a crystal
resonator for USB.
24.2 Input/Output Pins
Table 24.1 Pin Configuration
766
24.7 Usage Notes
801
Note 1 changed as below, and note 2 added.
1. When using the USB host controller, the bus clock
(B
φ) must be set to 32 MHz or higher. The
peripheral clock (P
φ) must also be set to a higher
frequency than 13 MHz.
2. Usage notes on Resume
operation
801
Section name changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com