Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1476 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1476 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1472Page - Renesas Technology Corp SH7721 Datasheet HTML 1473Page - Renesas Technology Corp SH7721 Datasheet HTML 1474Page - Renesas Technology Corp SH7721 Datasheet HTML 1475Page - Renesas Technology Corp SH7721 Datasheet HTML 1476Page - Renesas Technology Corp SH7721 Datasheet HTML 1477Page - Renesas Technology Corp SH7721 Datasheet HTML 1478Page - Renesas Technology Corp SH7721 Datasheet HTML 1479Page - Renesas Technology Corp SH7721 Datasheet HTML 1480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1476 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1414 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed
Bit
Bit Name Description
15
14
13
TFWM2
TFWM1
TFWM0
…
• A transfer request to the transmit
FIFO is issued by the TDREQ bit
in SISTR.
•
The transmit FIFO is always used
as 16 stages of the FIFO
regardless of these bit settings.
7
6
5
RFWM2
RFWM1
RFWM0
…
• A transfer request to the receive
FIFO is issued by the RDREQ bit
in SISTR.
• The receive FIFO is always used
as 16 stages of the FIFO
regardless of these bit settings.
21.3.9 FIFO Control Register
(SIFCTR)
701,
702
21.4.7 Transmit and Receive
Procedures
(1) Transmission in Master Mode
721
Figure 21.9 replaced.
Clear the TXE bit in SICTR to 0
End
Set to dis
8
Set the FSE bit in SICTR to 0
Set the MSSEL bit in SISCR to 1
Set BRDV=111
and BPRS=00000 in SISCR
Start the setting FSE=0,
TXE=0 and other bit.
Add pulse (0
→1→0)
to the TXRST in SISCR
Reset the master clock source
and baud rate in SISCR
Synchronize this LSI internal
frame with FSE=0 if restarting
transmit later.
Execute internal initialization
of the bit rate generator
if restarting transmit later.
'No' requires further setting
if transmission is not restarted
(No).
When returning to the same
transmit mode from here,
go back to No.4, FSE setting,
on this flowchart.
Go to "Start" on each flowchart.
9
10
11
12
No
Yes
Change other
transmit mode?
Note: * When interrupts due to transmit data underflow are enabled, after setting the no. 6 transmit data, the
TXE bit should be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com