Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1473 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1473 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1469Page - Renesas Technology Corp SH7721 Datasheet HTML 1470Page - Renesas Technology Corp SH7721 Datasheet HTML 1471Page - Renesas Technology Corp SH7721 Datasheet HTML 1472Page - Renesas Technology Corp SH7721 Datasheet HTML 1473Page - Renesas Technology Corp SH7721 Datasheet HTML 1474Page - Renesas Technology Corp SH7721 Datasheet HTML 1475Page - Renesas Technology Corp SH7721 Datasheet HTML 1476Page - Renesas Technology Corp SH7721 Datasheet HTML 1477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1473 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1411 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
13.8 Hardware Standby Mode
13.8.1 Transition to Hardware
Standby Mode
496
Deleted
After entering software standby mode by the SLEEP
instruction, this LSI enters hardware standby mode by
driving the CA pin low.
Section 13 Power-Down Modes
Figure 13.12 Timing When Power
of Pins other than VCC_RTC and
VCCQ_RTC is Off
498
Amended
CA
STATUS
Power supply
other than Vcc_RTC
and VccQ_RTC
RESETP
RTC protection
Normal*3
Standby*2
Undefined
Reset*1
Normal*3
Specification: Checking the standby state of the STATUS pin
0 to 10 Bcyc*4
0 to 30 Bcyc
Notes: *1 Reset: HH (STATUS1 = High, STATUS0 = High)
*2 Standby: LH (STATUS1 = Low, STATUS0 = High)
*3 Normal operation: LL (STATUS1 = Low, STATUS0 = Low)
*4 Bcyc: Bus clock cycle
Changed
Channel Name
Pin Name
I/O
0
TPU compare
match output 0
TPU_TO0
Output
1
TPU compare
match output 1
TPU_TO1
Output
2
TPU compare
match output 2A
TPU_TO2
Output
TPU clock input 2A TPU_TI2A
Input
TPU clock input 2B TPU_TI2B
Input
3
TPU compare
match output 3A
TPU_TO3
Output
TPU clock input 3A TPU_TI3A
Input
TPU clock input 3B TPU_TI3B
Input
Section 15 16-Bit Timer Pulse
Unit (TPU)
15.2 Input/Output Pins
Table 15.2 TPU Pin
Configurations
514
Section 15 16-Bit Timer Pulse
Unit (TPU)
15.4.4 PWM Modes
536
Amended
Conditions of duty 0% and 100% are shown below.
• Duty
0%: The set value of the duty register
(TGRA) is TGRB + 1 for the period
register(TGRB).
• Duty 100%: The set value of the duty register
(TGRA) is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com