Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1492 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1492 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1488Page - Renesas Technology Corp SH7721 Datasheet HTML 1489Page - Renesas Technology Corp SH7721 Datasheet HTML 1490Page - Renesas Technology Corp SH7721 Datasheet HTML 1491Page - Renesas Technology Corp SH7721 Datasheet HTML 1492Page - Renesas Technology Corp SH7721 Datasheet HTML 1493Page - Renesas Technology Corp SH7721 Datasheet HTML 1494Page - Renesas Technology Corp SH7721 Datasheet HTML 1495Page - Renesas Technology Corp SH7721 Datasheet HTML 1496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1492 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1430 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
(4) Operation of Commands
without Data Transfer
Figure 31.6 Operational Flowchart
for Commands without Data
Transfer
1065 Changed
Write 1 to CMDSTRT
Write 1 to CMDOFF
CRCERI interrupt
generated?*
R1b response?
DBSYI interrupt
generated?
DTBUSY detected?
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
No
CRPI interrupt
generated?
Command sequence end
CTERI interrupt
generated?
Note*:
For the R2 command response, no CRC check is performed by hardware.
Therefore, perform CRC checking by software to see if there is an error.
1066 Changed
• The end of the command sequence is detected by
polling the BUSY flag in CSTR or by the data transfer
end flag (DTI) or the multiblock transfer (pre-defined)
end flag (BTI).
(5) Commands with Read Data
1067 Added
Note:In multiblock transfer, if you terminate the
command sequence (by writing 1 in the CMDOFF
bit) before the command response reception is
completed (CRPI = 1), the command response
cannot be received correctly. To receive a
command response, continue the command
sequence (by setting the RD_CONTI bit to 1) until
the reception of the command response is
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com