Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1500 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1500 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1496Page - Renesas Technology Corp SH7721 Datasheet HTML 1497Page - Renesas Technology Corp SH7721 Datasheet HTML 1498Page - Renesas Technology Corp SH7721 Datasheet HTML 1499Page - Renesas Technology Corp SH7721 Datasheet HTML 1500Page - Renesas Technology Corp SH7721 Datasheet HTML 1501Page - Renesas Technology Corp SH7721 Datasheet HTML 1502Page - Renesas Technology Corp SH7721 Datasheet HTML 1503Page - Renesas Technology Corp SH7721 Datasheet HTML 1504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1500 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1438 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Section 35 I/O Ports
35.5 Port E
Figure 35.5 Port E
1187 Changed
Port E
PTE6 (input)/AFE_RXIN (input)/IIC_SCL (input/output)
PTE5 (input)/
AFE_RDET (input)/IIC_SDA (input/output)
PTE4 (input/output) / LDC_M_DISP (output)
PTE3 (input/output) / LDC_CL1 (output)
PTE2 (input/output) / LDC_CL2 (output)
PTE1 (input/output) / LDC_DON (output)
PTE0 (input/output) / LDC_FLM (output)
1188 Added and changed
Separate tables have been provided for conditions n =
0 to 4 and n = 5 and 6.
Deleted
PECR State
PEnMD1
PEnMD0
Pin State
Read
Write
0
0
Other
function
PEDR value
Value is written to PEDR,
but does not affect pin
state.
1
Reserved
1
0
Input (Pull-
up MOS
on)
Pin state
Value is written to PEDR,
but does not affect pin
state.
1
Input (Pull-
up MOS
off)
Pin state
Value is written to PEDR,
but does not affect pin
state.
35.5.2 Port E Data Register
(PEDR)
Table 35.5 Port E Data Register
(PEDR) Read/Write Operations
1189
Note: n= 5 or 6
35.6 Port F
Figure 35.6 Port F
1190 Changed
Port F
PTF6 (input) / DA1 (output)
PTF5 (input) / DA0 (output)
PTF4 (input) / AN3 (input)
PTF3 (input) / AN2 (input)
PTF2 (input) / AN1 (input)
PTF1 (input) / AN0 (input)
PTF0 (input)/
ADTRG (input)
35.6.2 Port F Data Register
(PFDR)
1191
Deleted
PFDR is a register that stores data for pins PTF6 to
PTF0. Bits PF6DT to PF0DT correspond to pins PTF6
to PTF0. When the function is general input port, if the
port is read, the corresponding pin level is read. …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com