Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1501 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1501 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1497Page - Renesas Technology Corp SH7721 Datasheet HTML 1498Page - Renesas Technology Corp SH7721 Datasheet HTML 1499Page - Renesas Technology Corp SH7721 Datasheet HTML 1500Page - Renesas Technology Corp SH7721 Datasheet HTML 1501Page - Renesas Technology Corp SH7721 Datasheet HTML 1502Page - Renesas Technology Corp SH7721 Datasheet HTML 1503Page - Renesas Technology Corp SH7721 Datasheet HTML 1504Page - Renesas Technology Corp SH7721 Datasheet HTML 1505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1501 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1439 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed
PFCR State
PFnMD1
PFnMD0
Pin State
Read
Write
0
1
Reserved
Table 35.6 Port F Data Register
(PFDR) Read/Write Operations
1191
35.16 Port T
Figure 35.16 Port T
1211
Changed
Port T
PTT4 (input/output) /
SCIF0_CTS (input) / TPUTO1 (output)
PTT3 (input/output) /
SCIF0_RTS (output) / TPUTO0 (output)
PTT2 (input/output) / SCIF0_TxD (output) / IrTX (output)
PTT1 (input/output) / SCIF0_RxD (input) / IrRX (input)
PTT0 (input/output) / SCIF0_SCK (input/output)
Section 36 User Debugging
Interface (H-UDI)
36.3 Register Descriptions
1220
Added
ID register (SDID)
Shift register
36.3.3 Shift Register
1221
Added
Shift register is a 32-bit register. The upper 16-bits are
set in SDIR at Update-IR.
If shifted in, the shift-in value is shift out after the value
of the 32-bit shift register is shifted out.
36.3.4 Boundary Scan Register
(SDBSR)
1221
Changed
SDBSR is a 434-bit shift register, located on the PAD,
for controlling the …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com