Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1505 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1505 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1501Page - Renesas Technology Corp SH7721 Datasheet HTML 1502Page - Renesas Technology Corp SH7721 Datasheet HTML 1503Page - Renesas Technology Corp SH7721 Datasheet HTML 1504Page - Renesas Technology Corp SH7721 Datasheet HTML 1505Page - Renesas Technology Corp SH7721 Datasheet HTML 1506Page - Renesas Technology Corp SH7721 Datasheet HTML 1507Page - Renesas Technology Corp SH7721 Datasheet HTML 1508Page - Renesas Technology Corp SH7721 Datasheet HTML 1509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1505 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1443 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Amended, and SPICR_0 and SPICR_1 deleted.
Register
Abbreviation
Power-On
Reset*
1
Manual
Reset*
1
Software
Standby
Module
Standby
Sleep
Module
IRR9
Initialized
Initialized
Retained
Retained
INTC
IRR10
Initialized
Initialized
Retained
Retained
IRR0
Initialized
Initialized
Retained
Retained
UCLKCR
Initialized
Retained
Retained
Retained
CPG
MCLKCR
Initialized
Retained
Retained
Retained
FRQCR
Initialized
*6 Retained
Retained
Retained
WTCNT
Initialized
*6 Retained
Retained
Retained
WDT
WTCSR
Initialized
*6 Retained
Retained
Retained
SCIMR
Initialized
Initialized
Retained
Retained
Retained
IrDA(SCI
F0)
ADDRA
Initialized
Initialized
Initialized
Initialized
Retained
ADC
ADDRB
Initialized
Initialized
Initialized
Initialized
Retained
ADDRC
Initialized
Initialized
Initialized
Initialized
Retained
ADDRD
Initialized
Initialized
Initialized
Initialized
Retained
ADCSR
Initialized
Initialized
Initialized
Initialized
Retained
DADR0
Initialized
Initialized
Retained
Retained
Retained
DAC
PADR
Initialized
Retained
Retained
–
Retained
I/O port
37.3 Register States in Each
Operating Mode
1289
to
1304
Notes:
………..
5.
Changes according to the status of the PC card.
6.
Not initialized by a power-on reset due to the WDT.
Changed
Item
Sym
bol
Min.
Typ.
Max.
Unit
Test
Conditions
Analog (A/D,
D/A) power
supply voltage
AV
CC
3.0
3.3
3.6
V
When not in
use, connect
to V
CCQ.
Analog USB
power supply
voltage
AV
CC_
USB
3.0
3.3
3.6
V
When not in
use, connect
to V
CCQ.
I
CC
230
300
mA
V
CC = 1.5V
I
φ = 133
MHz
Current
consumpt
ion
Norm
al
opera
tion
I
CCQ
60
80
mA
V
CCQ, VCCQ1
= 3.3 V
B
φ = 66
MHz
Section 38 Electrical
Characteristics
38.3 DC Characteristics
Table 38.4 DC Characteristics (1)
[Common]
1309,
1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com