Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1502 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1502 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1498Page - Renesas Technology Corp SH7721 Datasheet HTML 1499Page - Renesas Technology Corp SH7721 Datasheet HTML 1500Page - Renesas Technology Corp SH7721 Datasheet HTML 1501Page - Renesas Technology Corp SH7721 Datasheet HTML 1502Page - Renesas Technology Corp SH7721 Datasheet HTML 1503Page - Renesas Technology Corp SH7721 Datasheet HTML 1504Page - Renesas Technology Corp SH7721 Datasheet HTML 1505Page - Renesas Technology Corp SH7721 Datasheet HTML 1506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1502 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1440 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed
Bit
Pin Name
I/O
395
RD/
WR
OUT
389
WE1/DQMLU/WE
OUT
354
RD/
WR
Control
348
WE1/DQMLU/WE
Control
194
SCIF0_RxD/IrRX/PTT1
IN
193
SCIF0_TxD/IrTX/PTT2
IN
155
SCIF0_RxD/IrRX/PTT1
OUT
154
SCIF0_TxD/IrTX/PTT2
OUT
117
SCIF0_RxD/IrRX/PTT1
Control
116
SCIF0_TxD/IrTX/PTT2
Control
Table 36.3 Pins and Boundary
Scan Register Bits
1222,
1225,
1226,
1227
Deleted and changed`
Bit
Bit Name
Description
31
to 0
DID31 to
DID0
Device ID31 to ID0
Device ID register that is stipulated by
JTAG.
H'002F200F (initial value) for this
SH7720 Group.
H'002F2447 (initial value) for this
SH7721 Group.
Upper four bits may be changed by the
chip version.
SDIDH corresponds to bits 31 to 16.
SDIDL corresponds to bits 15 to 0.
36.3.5 ID Register (SDID)
1230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com