Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1506 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1506 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1502Page - Renesas Technology Corp SH7721 Datasheet HTML 1503Page - Renesas Technology Corp SH7721 Datasheet HTML 1504Page - Renesas Technology Corp SH7721 Datasheet HTML 1505Page - Renesas Technology Corp SH7721 Datasheet HTML 1506Page - Renesas Technology Corp SH7721 Datasheet HTML 1507Page - Renesas Technology Corp SH7721 Datasheet HTML 1508Page - Renesas Technology Corp SH7721 Datasheet HTML 1509Page - Renesas Technology Corp SH7721 Datasheet HTML 1510Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1506 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1444 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Table title amended
Added and deleted
Item
Symb
ol
Min.
Typ.
Max.
Unit
Test
Conditions
PTF5
to
PTF6
V
IH
2.2
AV
CC +
0.3
V
AN0/P
TF1 to
AN3/P
TF4
2.0
AV
CC +
0.3
V
Input high
voltage
Other
input
pins
2.2
V
CCQ +
0.3
V
PTF5
to
PTF6
V
IL
−0.3
AV
CC ×
0.2
V
AN0/P
TF1 to
AN3/P
TF4
−0.3
AV
CC ×
0.2
V
Table 38.4 DC Characteristics (2-
a) [Except USB Transceiver, I
2C,
ADC, and DAC Analog Related
Pins]
1311
Input low
voltage
Other
input
pins
−0.3
V
CCQ ×
0.2
V
Table 38.4 DC Characteristics (2-
c) [USB Transceiver Related Pins]
1313
Notes: 2. AV
CC_USB should satisfy the condition VCCQ ≤
AV
CC_USB and be supplied between
AV
CC_USB and AVSS_USB.
Changed
Item
Symbol
Min.
Unit
RESETP pulse
width
t
RESPW
20*
3
tcyc*
2*4
RESETM pulse
width
t
RESPW
20*
3
tcyc*
2*4
38.4.2 Control Signal Timing
Table 38.8 Control Signal Timing
1319
38.4.3 AC Bus Timing
Table 38.9 Bus Timing
1322
Changed
Conditions: Clock Mode 0, V
CCQ = 2.7 to 3.6 V, …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com