Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1508 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1508 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1504Page - Renesas Technology Corp SH7721 Datasheet HTML 1505Page - Renesas Technology Corp SH7721 Datasheet HTML 1506Page - Renesas Technology Corp SH7721 Datasheet HTML 1507Page - Renesas Technology Corp SH7721 Datasheet HTML 1508Page - Renesas Technology Corp SH7721 Datasheet HTML 1509Page - Renesas Technology Corp SH7721 Datasheet HTML 1510Page - Renesas Technology Corp SH7721 Datasheet HTML 1511Page - Renesas Technology Corp SH7721 Datasheet HTML 1512Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1508 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1446 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed and deleted
Conditions: V
CCQ = 2.7 to 3.6 V, VCCQ1 = 2.7 to 3.6 V or
1.65 to 1.95 V, V
CC = 1.4 to 1.6 V, AVCC = 3.0 to 3.6 V,
Ta = -20 to 75°C
Module
Item
Symb
ol
Min.
SCIF
RTS delay time
t
RTSD
—
CTS setup time
(Clock time)
t
CTSS
100
CTS hold time (Clock
time)
t
CTSH
100
38.4.11 SCIF Module Signal
Timing
Table 38.13 SCIF Module Signal
Timing
1358
Figure 38.51 SCIF Input/Output
Timing in Synchronous Mode
1359
Figure title amended
38.4.13 SIOF Module Signal
Timing
Table 38.15 SIOF Module Signal
Timing
1362
Changed
Conditions: V
CCQ = 2.7 to 3.6 V, VCCQ1 = 2.7 to 3.6 V or
1.65 to 1.95 V, V
CC = 1.4 to 1.6 V, AVCC = 3.0 to 3.6 V,
Ta = -20 to 75°C
38.4.14 AFEIF Module Signal
Timing
Table 38.16 AFEIF Module Signal
Timing
1365
Changed
Conditions: V
CCQ = 2.7 to 3.6 V, VCCQ1 = 2.7 to 3.6 V or
1.65 to 1.95 V, V
CC = 1.4 to 1.6 V, AVCC = 3.0 to 3.6 V,
Ta = -20 to 75°C
Note:
t
Pcyc is a cycle time (ns) of a peripheral clock
(P
φ).
Changed and deleted
Item
Symbol Min.
Max.
Unit
Figure
EXTAL_USB clock
frequency (48 MHz)
t
FREQ
47.9
48.1
MHz
38.60
Clock rise time
t
R48
6
ns
Clock fall time
t
F48
6
ns
Duty (t
HIGH/tLOW)
t
DUTY
90
110
%
38.4.15 USB Module Signal
Timing
Table 38.17 USB Module Clock
Timing
1366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com