Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1463 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1463 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1459Page - Renesas Technology Corp SH7721 Datasheet HTML 1460Page - Renesas Technology Corp SH7721 Datasheet HTML 1461Page - Renesas Technology Corp SH7721 Datasheet HTML 1462Page - Renesas Technology Corp SH7721 Datasheet HTML 1463Page - Renesas Technology Corp SH7721 Datasheet HTML 1464Page - Renesas Technology Corp SH7721 Datasheet HTML 1465Page - Renesas Technology Corp SH7721 Datasheet HTML 1466Page - Renesas Technology Corp SH7721 Datasheet HTML 1467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1463 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page 1401 of 1458
REJ09B0033-0300
Item
Page Revision (See Manual for Details)
Changed
IRR8 is an 8-bit register that indicates whether interrupt
requests from the SDHI, MMC, and AFEIF are
generated. This register is initialized to H'00 by a
power-on reset or manual reset, but is not initialized in
standby mode.
Note: On the models not having the SDHI, the SDHI-
related bits are reserved. The write value should
always be 0.
Changed and a note added.
Bit
Bit
Name
Description
0
SDIR
SDI Interrupt Request
Indicates whether the SDI (SDHI)
interrupt request is generated.
0: SDI interrupt request is not
generated
1: SDI interrupt request is generated
Note:
On the models not having the
SDHI, this bit is reserved and
always read as 0. The write
value should always be 0.
8.3.12 Interrupt Request Register
8 (IRR8)
261
8.3.13 Interrupt Request Register
9 (IRR9)
262
Amended
IRR9 is an 8-bit register that indicates whether interrupt
requests from the PCC, USBH, USBF, and CMT are
generated. This register is initialized to H'00 by a
power-on reset or manual reset, but is not initialized in
standby mode.
8.4.3 IRL interrupts
267
Deleted
IRL interrupts are included with noise canceller function
and detected when the sampled levels of each
peripheral module clock keep same value for 2 cycles.
This prevents sampling error level in
IRL pin changing.
In standby mode, noise canceller is handled by the
RTC clock because the peripheral module clocks are
halted. Therefore, when RTC is not used, recovering to
standby by IRL interrupts cannot be executed in
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com